Part Number Hot Search : 
TCET1101 MAX1681 SD219CHP IRFZ2 RB751S40 2N6230 9L28064 UPD44
Product Description
Full Text Search
 

To Download HN62W4416SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HN62W4416 Series
1048576-word x 16-bit/2097152-word x 8-bit CMOS Mask Programmable ROM
ADE-203-469(Z) Preliminary Rev. 0.0 Nov. 20, 1995 Description
The HN62W4416 is a 16-Mbit CMOS mask-Programmable ROM organized either as 1048576 words by 16 bits or 2097152 words by 8 bits. Realizing low power consumption, this memory is allowed for battery operation. And a high speed access of 150 ns (max) is the most suitable to the system using a high speed micro-computer by 16 bits.
Feature
* Low voltage operation Mask ROM Single 3.3 V supply * High speed Access time: 150 ns (max) * Low power Active: 216 mW (max) Standby: 108 W (max) * Byte-wide or word-wide data organization (Switched by BHE terminal) * Three-state data output for or-tying * Directly LVTTL compatible All inputs and outputs
Ordering Information
Type No. HN62W4416P-15 HN62W4416FB-15 HN62W4416TT-15 Access time 150 ns 150 ns 150 ns Package 600 mil 42-pin plastic DIP (DP-42) 600 mil 44-pin plastic SOP (FP-44D) 400 mil 44-pin plastic TSOP II (TTP-44D)
Note: The specifications of this device are subject to change without notice. Please contact your nearest Hitachi's Sales Dept. regarding specifications.
HN62W4416 Series
Pin Arrangement
HN62W4416P Series HN62W4416FB Series HN62W4416TT Series A19 A8 A9 A10 A11 A12 A13 A14 A15 A16 BHE VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VDD NC A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE VSS OE D0 D8 D1 D9 D2 D10 D3 D11 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 (Top View) 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 NC A19 A8 A9 A10 A11 A12 A13 A14 A15 A16 BHE VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VDD
A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE VSS OE D0 D8 D1 D9 D2 D10 D3 D11
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 (Top View)
42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22
Pin Description
Pin name A-1, A0 to A19 D0 to D15 BHE CE OE NC VDD VSS Function Address inputs Data outputs 8/16 bit (byte/word) mode switch Chip enable Output enable No connection Power supply Ground
2
HN62W4416 Series
Block Diagram
A19 A8 Address Buffer A7 Y Decoder A0 Y Gates X Decoder Memory Array
(A-1)*1 Hex/Byte BHE
OE 3-state output buffer CE D0 BHE = VIH : 16-bit (D15 to D0) BHE = VIL : 8-bit (D7 to D0) Note : 1. A-1 is least significant address. When BHE is 'low', D14 to D8 goes the high impedance state, and D15 should be A-1. D15/(D7)
Mode Selection
Pin Data output Mode Standby Output disable Read (16-bit) Read (8-bit) Read (8-bit) CE H L L L L OE x
*1
Address input D8-D15 LSB -- -- A0 A-1 A-1 MSB -- -- A19 A19 A19
BHE x x H L L
D15/A-1 D0-D7 x x Dout L H High-Z High-Z D0 to D7 D0 to D7 D8 to D15
*2
High-Z High-Z D8 to D15 High-Z High-Z
H L L L
Notes: 1. x: Don't care. 2. High-Z: High impedance
3
HN62W4416 Series
Absolute Maximum Ratings
Parameter Supply voltage
*1 *1
Symbol VDD Vin, Vout Topr Tstg Tbias
Value -0.3 to +5.5 -0.3 to VDD + 0.3 0 to +70 -55 to +125 -20 to +85
Unit V V C C C
All input and output voltage
Operating temperature range Storage temperature range Temperature under bias Note: 1. With respect to V SS .
Recommended DC Operating Conditions (Ta = 0 to + 70C)
Parameter Supply voltage Symbol VDD VSS Input voltage VIH VIL Min 3.0 0 2.2 -0.3 Typ 3.3 0 -- -- Max 3.6 0 VDD + 0.3 0.8 Unit V V V V
DC Characteristics (VDD = 3.3 V 0.3 V, V SS = 0 V, Ta = 0 to + 70C)
Parameter Supply current Active Standby Standby Input leakage current Output leakage current Output voltage Symbol I DD I SB1 I SB2 |IIL| |IOL | VOH VOL Min -- -- -- -- -- 2.4 -- Max 60 30 3 10 10 -- 0.4 Unit mA A mA A A V V Test conditions VDD = 3.6 V, IDOUT = 0 mA, tRC = 150 ns VDD = 3.6 V, CE VDD - 0.2 V VDD = 3.6 V, CE 2.2 V Vin = 0 to VDD CE = 2.2 V, Vout = 0 to V DD I OH = -2.0 mA I OL = 2.0 mA
Capacitance (VDD = 3.3 V 0.3 V, V SS = 0 V, Ta = 25C, Vin = 0 V, f = 1MHz)
Parameter Input capacitance
*1 *1
Symbol Cin Cout
Min -- --
Max 10 15
Unit pF pF
Output capacitance Note:
1. This parameter is sampled and not 100% tested. D15/A-1 pin is output.
4
HN62W4416 Series
AC Characteristics (VDD = 3.3 V 0.3 V, V SS = 0 V, Ta = 0 to + 70C)
* * * * Output load: 1TTL + CL = 100 pF (including jig) Input pulse level: 0.4 to 2.4 V Input and output timing reference level: 1.4 V Input rise and fall time: 5 ns
HN62W4416-15 Parameter Read cycle time Address access time CE access time OE access time BHE access time Output hold time from address change Output hold time from CE Output hold time from OE Output hold time from BHE CE to output in high-Z OE to output in high-Z BHE to output in high-Z CE to output in low-Z OE to output in low-Z BHE to output in low-Z Note: Symbol t RC t AA t ACE t OE t BHE t DHA t DHC t DHO t DHB t CHZ t OHZ t BHZ t CLZ t OLZ t BLZ Min 150 -- -- -- -- 5 0 0 0 -- -- -- 5 5 5 Max -- 150 150 50 150 -- -- -- -- 50 50 30 -- -- -- Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 1 1 1 Note
1. t CHZ, tOHZ and t BHZ are defined as the time at which the output achieves the open circuit conditions and are not referred to output voltage levels.
5
HN62W4416 Series
Timing Waveforms
Word Mode (BHE = `VIH') or Byte Mode (BHE = `VIL')
tRC Address tAA tACE CE tCLZ tOE OE tOLZ High-Z tDHO tOHZ Valid data High-Z tDHC tCHZ tDHA
Dout
Notes : 1. tDHA, tDHC, tDHO : Determined by faster. 2. tAA, tACE, tOE : Determined by slower. 3. tCLZ, tOLZ : Determined by slower.
Word Mode, Byte Mode Switch
A-1
High-Z tAA tDHA
High-Z
BHE tBHZ D7 to D0 tDHB High-Z D15 to D8 Valid data tBLZ Valid data tBHE Valid data
Notes : 1. CE and OE are enable, A19 to A0 are valid. 2. D15/A-1 pin is in the output state when BHE is high, CE and OE are enable. Therefore, the input signals of opposite phase to the output must not be applied to them.
6
HN62W4416 Series
Power Up Sequence
VCC
3.0 V 0V tP > 0 s
CE tACE Address tAA Dout Valid data Valid data
Note : 1. This device is used ATD (Address Transition Detecter). Therefore, transfer either CE or address (A19 to A0) after power up to 3.0 V.
7
HN62W4416 Series
Package Dimensions
HN62W4416P Series (DP-42)
Unit: mm
42
52.80 53.80 Max
22 15.0 Max 2.54 Min 5.06 Max 13.40
1 1.3 Max
1.20
21 15.24
0.51 Min
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
+ 0.26
HN62W4416FB Series (FP-44D)
Unit: mm
28.50 28.70 Max 44 23 12.60 3.00 Max
1 1.02 Max
22
0.17 0.05
16.04 0.30 1.72
0.40 0.10
1.27 0.10 0.12 M
0.19 0.10
0 - 10 0.80 0.20
8
HN62W4416 Series
Package Dimensions (cont)
HN62W4416TT Series (TTP-44D)
18.41 18.81 Max 44 23 Unit: mm
1 0.30 0.10
0.80 0.13 M
22
10.16
1.105 Max 1.20 Max 0.17 0.05
11.76 0.20 0 - 5
+0.03 -0.05
0.10
0.80
0.13
0.50 0.10
9


▲Up To Search▲   

 
Price & Availability of HN62W4416SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X